Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z20FF3LL Datasheet (PDF) - Voltage Multipliers Inc.

Z20FF3LL Datasheet PDF - Voltage Multipliers Inc.
Part # Z20FF3LL
Download  Z20FF3LL Download
File Size   50.37 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifiers - Formed Lead

Z20FF3LL Datasheet (PDF)

Go To PDF Page Download Datasheet
Z20FF3LL Datasheet PDF - Voltage Multipliers Inc.

Part # Z20FF3LL
Download  Z20FF3LL Click to download

File Size   50.37 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifiers - Formed Lead

Z20FF3LL Datasheet (HTML) - Voltage Multipliers Inc.


Z20FF3LL Product details

High Voltage Rectifiers - Formed Lead
​​​​​​​
0.8A - 3.5A • 30ns - 70ns • Hermetic




Similar Part No. - Z20FF3LL

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
Z20FF3LL VMI-Z20FF3LL Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
Z20FF3LL NJSEMI-Z20FF3LL Datasheet
86Kb / 1P
High Voltage Rectifiers - Formed Lead
logo
Voltage Multipliers Inc...
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
More results


Similar Description - Z20FF3LL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
List of Unclassifed Man...
CMR200T ETC2-CMR200T_1 Datasheet
762Kb / 1P
LEAD FORMED SMD TYPE WITH EMBOSSED TAPE
logo
Voltage Multipliers Inc...
1N6513LL VMI-1N6513LL_13 Datasheet
156Kb / 2P
High Voltage Diodes - Formed Lead 1.5A - 3.5A ??70ns ??Hermetic
1N6838LL VMI-1N6838LL_13 Datasheet
142Kb / 2P
High Voltage Diodes - Formed Lead 0.75A - 2.00A ??30ns - 50ns ??Hermetic
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
Z50FF3LLHT VMI-Z50FF3LLHT Datasheet
361Kb / 1P
High Voltage Diode - Formed Lead 0.80A l 30ns l Hermetic
logo
Golledge Electronics Lt...
GSX49-3 GOLLEDGE-GSX49-3 Datasheet
582Kb / 5P
Low 3.2mm Profile Formed Lead SM Crystal
GSCX-26 GOLLEDGE-GSCX-26 Datasheet
536Kb / 3P
SM Low Frequency Formed Lead Cylindrical Crystal
logo
New Jersey Semi-Conduct...
Z20FF31L NJSEMI-Z20FF31L Datasheet
86Kb / 1P
High Voltage Rectifiers - Formed Lead
logo
Vishay Siliconix
SPLEADFHIGPOWTABTERM VISHAY-SPLEADFHIGPOWTABTERM Datasheet
227Kb / 3P
Custom Capabilities Lead Formed, High Powered, Tab Terminations, Quick Connect Wirewound Resistors
12-Sep-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com