Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

327-J Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

327-J Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 327-J
Download  327-J Download
File Size   53.93 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Jumper Accessories

327-J Datasheet (PDF)

Go To PDF Page Download Datasheet
327-J Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 327-J
Download  327-J Click to download

File Size   53.93 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Jumper Accessories

327-J Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


327-J Product details

The jumper 327-J electrically bridges adjacent poles of series 326 and 327
terminals.
It is available in 14 mm pitch with 2 to 12 poles.
Just like the lead, it is connected to the clamping units.
The jumper shell is insulated.




Similar Part No. - 327-J

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-55 MARL-327-000-21-55 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results


Similar Description - 327-J

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
logo
WECO ELECTRICAL CONNECT...
302-J WECO-302-J Datasheet
53Kb / 1P
Jumper Accessories
09.12
323-J WECO-323-J Datasheet
47Kb / 1P
Jumper Accessories
12.17
324-J WECO-324-J Datasheet
53Kb / 1P
Jumper Accessories
09.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com