Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

411-B Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

411-B Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 411-B
Download  411-B Download
File Size   122.6 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug receptacle for tabs 6,3 mm

411-B Datasheet (PDF)

Go To PDF Page Download Datasheet
411-B Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 411-B
Download  411-B Click to download

File Size   122.6 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug receptacle for tabs 6,3 mm

411-B Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


411-B Product details

Series 411 flat plug couplings are suited for electrical machines, vehicles,
appliances and switch gear systems.
After crimping the leads, the flat plugs are plugged into the 411-B plug receptacles
according to DIN 46340. Index lobes on the metal part lock them into place in the
housing.
Subsequently, the housing/plug receptacles combination can now be connected
with the 411-S housing equipped with flat plugs resulting in a flat plug coupling
suitable in for switch gear applications.
The housing shape prevents false plugging. Pole identifiers are located on the plug
openings of the metal parts.
Please note:
Suitable plug receptacles are not included in our product range.




Similar Part No. - 411-B

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
411-BML WECO-411-BML Datasheet
98Kb / 1P
Plug receptacle with fastening flanges, for receptacle for tabs 6,3
06.18
More results


Similar Description - 411-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-100645-3 MACOM-1-100645-3 Datasheet
68Kb / 1P
LOW INSERTION FORCE FASTON RECEPTACLE FOR 0,8mm TABTHICKNESS .250srs(6,3)
logo
WECO ELECTRICAL CONNECT...
411-BML WECO-411-BML Datasheet
98Kb / 1P
Plug receptacle with fastening flanges, for receptacle for tabs 6,3
06.18
411-S WECO-411-S Datasheet
141Kb / 1P
Flat plug housing for tabs 6,3 mm
03.19
440-PA WECO-440-PA Datasheet
264Kb / 1P
Flat plug guide for tab connections 6,3 mm
03.19
900-S-10 WECO-900-S-10 Datasheet
89Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-S-5 WECO-900-S-5 Datasheet
105Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-S-7.5 WECO-900-S-7.5 Datasheet
96Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-SUN-10 WECO-900-SUN-10 Datasheet
85Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-5 WECO-900-SUN-5 Datasheet
97Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-7.5 WECO-900-SUN-7.5 Datasheet
90Kb / 1P
Tab connector Tab 6,3 mm
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com