Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC74A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC74A
Download  74LVC74A Download
File Size   266.16 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LVC74A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC74A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC74A
Download  74LVC74A Click to download

File Size   266.16 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual D-type flip-flop with set and reset; positive-edge trigger

74LVC74A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC74A Product details

1. General description
The 74LVC74A is a dual edge triggered D-type flip-flop with individual data (nD) inputs, clock (nCP)
inputs, set (nSD) and (nRD) inputs, and complementary nQ and nQ outputs.
The set and reset are asynchronous active LOW inputs and operate independently of the clock
input. Information on the data input is transferred to the nQ output on the LOW-to-HIGH transition
of the clock pulse. The nD inputs must be stable one set-up time prior to the LOW-to-HIGH clock
transition, for predictable operation.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and fall
times.
2. Features and benefits
• 5 V tolerant inputs for interlacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC74A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC74A NXP-74LVC74A Datasheet
111Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 06-4 June 2007
logo
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74LVC74ABQ NXP-74LVC74ABQ Datasheet
111Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 06-4 June 2007
logo
Nexperia B.V. All right...
74LVC74ABQ-Q100 NEXPERIA-74LVC74ABQ-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
More results


Similar Description - 74LVC74A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com