Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR440 Datasheet (PDF) - Analog Devices

ADR440 Datasheet PDF - Analog Devices
Part # ADR440
Download  ADR440 Download
File Size   568.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, LDO XFET Voltage References with Current Sink and Source

ADR440 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR440 Datasheet PDF - Analog Devices

Part # ADR440
Download  ADR440 Click to download

File Size   568.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, LDO XFET Voltage References with Current Sink and Source

ADR440 Datasheet (HTML) - Analog Devices


ADR440 Product details

GENERAL DESCRIPTION
The ADR44x series is a family of XFET® voltage references featuring ultralow noise, high accuracy, and low temperature drift performance. Using Analog Devices, Inc., patented temperature drift curvature correction and XFET (eXtra implanted junction FET) technology, voltage change vs. temperature nonlinearity in the ADR44x is greatly minimized.

FEATURES
   Ultralow noise (0.1 Hz to 10 Hz)
      ADR440: 1 μV p-p
      ADR441: 1.2 μV p-p
      ADR443: 1.4 μV p-p
      ADR444: 1.8 μV p-p
      ADR445: 2.25 μV p-p
   Superb temperature coefficient
      A grade: 10 ppm/°C
      B grade: 3 ppm/°C
   Low dropout operation: 500 mV
   Input range: (VOUT+ 500 mV) to 18 V
   High output source and sink current
   +10 mA and −5 mA, respectively
   Wide temperature range: −40°C to +125°C

APPLICATIONS
   Precision data acquisition systems
   High resolution data converters
   Battery-powered instrumentation
   Portable medical instruments
   Industrial process control systems
   Precision instruments
   Optical control circuits




Similar Part No. - ADR440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR440 AD-ADR440 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR440A AD-ADR440A Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440B AD-ADR440B Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Similar Description - ADR440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444 AD-ADR444_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com