Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5503 Datasheet (PDF) - List of Unclassifed Manufacturers

5503 Datasheet PDF - List of Unclassifed Manufacturers
Part # 5503
Download  5503 Download
File Size   31.62 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Current RF Chokes

5503 Datasheet (PDF)

Go To PDF Page Download Datasheet
5503 Datasheet PDF - List of Unclassifed Manufacturers

Part # 5503
Download  5503 Click to download

File Size   31.62 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Current RF Chokes

5503 Datasheet (HTML) - List of Unclassifed Manufacturers


5503 Product details

Special Features
• Very high current capacity
• Low DCR
• Ferrite core
• VW-1 rated shrink tubing to cover winding
• Fixed lead spacing
• Operating temperature -55 to +105°C
• Current to cause 5% maximum inductance
drop or 35°C maximum temperature rise




Similar Part No. - 5503

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5503 SUMIDA-5503 Datasheet
391Kb / 4P
Wire Wound Chip Inductors
logo
Ashcroft, Inc.
5503 ASHCROFT-5503 Datasheet
929Kb / 4P
5503 Differential Pressure Gauge
RevG_04-05-24
logo
Adafruit Industries
5503 ADAFRUIT-5503 Datasheet
135Kb / 1P
nOOds - Flexible LED Filament - 3v 300mm long - Warm White
11-4-22
logo
Coto Technology
5503-05-1 COTO-5503-05-1 Datasheet
270Kb / 2P
High Voltage Reed Relay
5503-12-1 COTO-5503-12-1 Datasheet
270Kb / 2P
High Voltage Reed Relay
More results


Similar Description - 5503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120 ETC1-1120 Datasheet
38Kb / 1P
HIGH CURRENT RF CHOKES
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
HIGH CURRENT RF CHOKES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com