Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIM200WLS12-A000 Datasheet (PDF) - Dynex Semiconductor

DIM200WLS12-A000 Datasheet PDF - Dynex Semiconductor
Part # DIM200WLS12-A000
Download  DIM200WLS12-A000 Download
File Size   167.62 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description IGBT Chopper Module - Lower Arm Control

DIM200WLS12-A000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIM200WLS12-A000 Datasheet PDF - Dynex Semiconductor

Part # DIM200WLS12-A000
Download  DIM200WLS12-A000 Click to download

File Size   167.62 Kbytes
Page   8 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description IGBT Chopper Module - Lower Arm Control

DIM200WLS12-A000 Datasheet (HTML) - Dynex Semiconductor


DIM200WLS12-A000 Product details

The Powerline range of high power modules includes half bridge, chopper, dual, single and bi-directional switch configurations covering voltages from 600V to 3300V and currents up to 3600A.
The DIM200WLS12-A000 is a 1200V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) chopper module configured with the lower arm of the bridge controlled. The IGBT has a wide reverse bias safe operating area (RBSOA) plus full 10µs short circuit withstand.

FEATURES
■ 10µs Short Circuit Withstand
■ Non Punch Through Silicon
■ Isolated Copper Baseplate

APPLICATIONS
■ Choppers
■ Motor Controllers
■ Induction Heating
■ Resonant Converters
■ Power Supplies




Similar Part No. - DIM200WLS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WBS12-A000 DYNEX-DIM200WBS12-A000 Datasheet
218Kb / 10P
Single Switch IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
Half Bridge IGBT Module
DIM200WHS17-A000 DYNEX-DIM200WHS17-A000 Datasheet
151Kb / 8P
Half Bridge IGBT Module
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
IGBT Chopper Module - Upper Arm Control
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
346Kb / 8P
IGBT Chopper Module - Upper Arm Control
More results


Similar Description - DIM200WLS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
IGBT Chopper Module (Upper Arm Control)
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
IGBT Chopper Module - Upper Arm Control
DIM200WKS17-A000 DYNEX-DIM200WKS17-A000 Datasheet
153Kb / 8P
IGBT Chopper Module - Upper Arm Control
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000_09 Datasheet
346Kb / 8P
IGBT Chopper Module - Upper Arm Control
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000_15 Datasheet
411Kb / 8P
IGBT Chopper Module
DIM500GCM33-TS000 DYNEX-DIM500GCM33-TS000_15 Datasheet
419Kb / 8P
IGBT Chopper Module
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000_15 Datasheet
374Kb / 8P
IGBT Chopper Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com