Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1935 Datasheet (PDF) - Analog Devices

AD1935 Datasheet PDF - Analog Devices
Part # AD1935
Download  AD1935 Download
File Size   381.86 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC

AD1935 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1935 Datasheet PDF - Analog Devices

Part # AD1935
Download  AD1935 Click to download

File Size   381.86 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC

AD1935 Datasheet (HTML) - Analog Devices


AD1935 Product details

GENERAL DESCRIPTION

The AD193X family are high performance, single-chip codecs that provide 4 ADCs with differential input and 8 DACs with either single-ended or differential output using ADI’s patented multibit sigma-delta architecture. An SPI® or I2C® port is included, allowing a microcontroller to adjust volume and many other parameters. The AD193X family operates from 3.3V digital and analog supplies. The AD193X is available in a 48-lead (SE output) or 64-lead (differential output) LQFP package.



Features

  PLL generated (32-192kHz) or direct master clock

  Low EMI design

  109 dB DAC/ 107dB ADC Dynamic Range and SNR

  -94dB THD+N

  Single 3.3V Supply

  Tolerance for 5V logic inputs

  Supports 24-bits and 8 kHz - 192 kHz sample rates

  Differential ADC input

  Single-ended or Differential DAC output versions

  Log volume control with "auto-ramp" function

  Hardware and software controllable clickless mute

  Software and hardware power-down

  Right justified, left justified, I2S and TDM Modes

  Master and slave modes up to 16 channel in/out

  48-lead LQFP or 64-lead LQFP plastic package



Applications

  Automotive audio systems

  Home theater systems

  Set-top boxes

  Digital audio effects processors



 




Similar Part No. - AD1935

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1933 AD-AD1933 Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
380Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
379Kb / 28P
8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
More results


Similar Description - AD1935

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
6/06-Revision 0
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1928 AD-AD1928 Datasheet
595Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
4/07-Revision 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com