Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5360 Datasheet (PDF) - Analog Devices

AD5360 Datasheet PDF - Analog Devices
Part # AD5360
Download  AD5360 Download
File Size   284.09 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC

AD5360 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5360 Datasheet PDF - Analog Devices

Part # AD5360
Download  AD5360 Click to download

File Size   284.09 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC

AD5360 Datasheet (HTML) - Analog Devices


AD5360 Product details

GENERAL DESCRIPTION

The AD5360/AD5361 contains 16, 16/14-bit DACs in a single, 56-lead, LFCSP or 52-lead LQFP package. It provides buffered voltage outputs with a span 4 times the reference voltage. The gain and offset of each DAC can be independently trimmed to remove errors. For even greater flexibility, the device is divided into two groups of 8 DACs, and the output range of each group can be independently adjusted by an offset DAC.



FEATURES

16-channel DAC in 52-LQFP and 56-LFCSP

Guaranteed monotonic to 16/14 bits

Nominal output voltage range of -10 V to +10 V

Multiple output spans available

Temperature Monitoring Function

Channel Monitoring Multiplexer

GPIO Function

System calibration function allowing user-programmable offset and gain

Channel grouping and addressing features

Data error checking feature

SPI compatible serial interface

2.5 V to 5.5 V digital interface

Power-on reset

Digital reset (RESET)

Clear function to user-defined SIGGND (CLRpin)

Simultaneous update of DAC outputs (LDACpin)



APPLICATIONS

Instrumentation

Industrial control systems

Level setting in automatic test equipment (ATE)

Variable optical attenuators (VOA)

Optical Line Cards




Similar Part No. - AD5360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360BCPZ-REEL71 AD-AD5360BCPZ-REEL71 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BCPZ1 AD-AD5360BCPZ1 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ-REEL1 AD-AD5360BSTZ-REEL1 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ1 AD-AD5360BSTZ1 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Similar Description - AD5360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com