Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5532BBC-1 Datasheet (PDF) - Analog Devices

AD5532BBC-1 Datasheet PDF - Analog Devices
Part # AD5532BBC-1
Download  AD5532BBC-1 Download
File Size   353.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel Precision Infinite Sample-and-Hold

AD5532BBC-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5532BBC-1 Datasheet PDF - Analog Devices

Part # AD5532BBC-1
Download  AD5532BBC-1 Click to download

File Size   353.65 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel Precision Infinite Sample-and-Hold

AD5532BBC-1 Datasheet (HTML) - Analog Devices


AD5532BBC-1 Product details

GENERAL DESCRIPTION
The AD5533B combines a 32-channel voltage translation function with an infinite output hold capability. An analog input voltage on the common input pin, VIN, is sampled and its digital representation transferred to a chosen DAC register. VOUT for this DAC is then updated to reflect the new contents of the DAC register. Channel selection is accomplished via the parallel address inputs A0–A4 or via the serial input port. The output voltage range is determined by the offset voltage at the OFFS_IN pin and the gain of the output amplifier. It is restricted to a range from VSS + 2 V to VDD – 2 V because of the headroom of the output amplifier.

FEATURES
   Infinite Sample-and-Hold Capability to ±0.018% Accuracy
   Infinite Sample-and-Hold Total Unadjusted Error ±2.5 m V
   High Integration:
   32-Channel DAC in 12 mm  12 mm CSPBGA
   Per Channel Acquisition Time of 16 μs Max
   Adjustable Voltage Output Range
   Output Impedance 0.5 Ω
   Output Voltage Span 10 V
   Readback Capability
   DSP/Microcontroller Compatible Serial Interface
   Parallel Interface
   Temperature Range –40°C to +85°C

APPLICATIONS
   Optical Networks
   Automatic Test Equipment
   Level Setting
   Instrumentation
   Industrial Control Systems
   Data Acquisition
   Low Cost I/O




Similar Part No. - AD5532BBC-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532BBC-1 AD-AD5532BBC-1 Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
More results


Similar Description - AD5532BBC-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5532B AD-AD5532B Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com