Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA813T Datasheet (PDF) - Renesas Technology Corp

UPA813T Datasheet PDF - Renesas Technology Corp
Part # UPA813T
Download  UPA813T Download
File Size   272.06 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

UPA813T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA813T Datasheet PDF - Renesas Technology Corp

Part # UPA813T
Download  UPA813T Click to download

File Size   272.06 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

UPA813T Datasheet (HTML) - Renesas Technology Corp


UPA813T Product details

NPN SILICON EPITAXIAL TRANSISTOR
(WITH BUILT-IN 2 ´ 2SC4570) SMALL MINI MOLD

FEATURES
• High fT
fT = 5.5 GHz TYP. (@VCE = 5 V, IC = 5 mA, f = 1 GHz)
• Small Collector Capacitance
Cob = 0.7 pF TYP. (@VCB = 5 V, IE = 0, f = 1 MHz)
• A Surface Mounting Package Adopted
• Built-in 2 Transistors (2 ´ 2SC4570)




Similar Part No. - UPA813T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA813T NEC-UPA813T Datasheet
53Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
UPA813T-T1 NEC-UPA813T-T1 Datasheet
53Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
More results


Similar Description - UPA813T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
SILICON TRANSISTOR
MPS3569 MICRO-ELECTRONICS-MPS3569 Datasheet
54Kb / 2P
SILICON TRANSISTOR
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Renesas Technology Corp
FA1A4Z RENESAS-FA1A4Z Datasheet
282Kb / 6P
SILICON TRANSISTOR
1987
FA4A4M RENESAS-FA4A4M Datasheet
521Kb / 24P
SILICON TRANSISTOR
2002
FN1F4M RENESAS-FN1F4M Datasheet
304Kb / 6P
SILICON TRANSISTOR
1985
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com