Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5678 Datasheet (PDF) - Analog Devices

AD5678 Datasheet PDF - Analog Devices
Part # AD5678
Download  AD5678 Download
File Size   895.04 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP

AD5678 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5678 Datasheet PDF - Analog Devices

Part # AD5678
Download  AD5678 Click to download

File Size   895.04 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP

AD5678 Datasheet (HTML) - Analog Devices


AD5678 Product details

GENERAL DESCRIPTION
The AD5678 is a low power, octal, buffered voltage-output DAC with four 12-bit DACs and four 16-bit DACs in a single package. All devices operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design.

FEATURES
    Low power octal DAC with Four 16-bit DACs Four 12-bit DACs
    14-lead/16-lead TSSOP
    On-chip 1.25 V/2.5 V, 5 ppm/°C reference
    Power down to 400 nA @ 5 V, 200 nA @ 3 V
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to zero scale
    3 power-down functions
    Hardware LDAC and LDAC override function
    CLR function to programmable code
    Rail-to-rail operation

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage current sources
    Programmable attenuators




Similar Part No. - AD5678

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
More results


Similar Description - AD5678

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Revision 0
AD5666 AD-AD5666 Datasheet
823Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
logo
Analog Devices
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com