Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5680 Datasheet (PDF) - Analog Devices

AD5680 Datasheet PDF - Analog Devices
Part # AD5680
Download  AD5680 Download
File Size   466.98 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V 18-Bit nanoDAC in a SOT-23

AD5680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5680 Datasheet PDF - Analog Devices

Part # AD5680
Download  AD5680 Click to download

File Size   466.98 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V 18-Bit nanoDAC in a SOT-23

AD5680 Datasheet (HTML) - Analog Devices


AD5680 Product details

GENERAL DESCRIPTION
The AD5680, a member of the nanoDAC family, is a single, 18-bit buffered voltage-out digital-to-analog converter (DAC) that operates from a single 4.5 V to 5.5 V supply and is 18-bit monotonic.

FEATURES
   Single 18-bit nanoDAC
   18-bit monotonic
   12-bit accuracy guaranteed
   Tiny 8-lead SOT-23 package
   Power-on reset to zero scale/midscale
   4.5 V to 5.5 V power supply
   Serial interface
   Rail-to-rail operation
   SYNC interrupt facility
   Temperature range: −40°C to +105°C

APPLICATIONS
   Closed-loop process control
   Low bandwidth data acquisition systems
   Portable battery-powered instruments
   Gain and offset adjustment
   Precision setpoint control




Similar Part No. - AD5680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
AD5680BCPZ-1500RL7 AD-AD5680BCPZ-1500RL7 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
AD5680BCPZ-1RL7 AD-AD5680BCPZ-1RL7 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
AD5680BCPZ-2500RL7 AD-AD5680BCPZ-2500RL7 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
AD5680BCPZ-2RL7 AD-AD5680BCPZ-2RL7 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
More results


Similar Description - AD5680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
16-Bit nanoDAC in a SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com