Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7183B Datasheet (PDF) - Analog Devices

ADV7183B Datasheet PDF - Analog Devices
Part # ADV7183B
Download  ADV7183B Download
File Size   911.99 Kbytes
Page   100 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder

ADV7183B Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7183B Datasheet PDF - Analog Devices

Part # ADV7183B
Download  ADV7183B Click to download

File Size   911.99 Kbytes
Page   100 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder

ADV7183B Datasheet (HTML) - Analog Devices


ADV7183B Product details

GENERAL DESCRIPTION
The ADV7183B integrated video decoder automatically detects and converts a standard analog baseband television signal compatible with worldwide standards NTSC, PAL, and SECAM into 4:2:2 component video data-compatible with 16-/8-bit CCIR601/CCIR656.

FEATURES
    Multiformat video decoder supports NTSC-(J, M, 4.43),
    PAL-(B/D/G/H/I/M/N), SECAM
    Integrates three 54 MHz, 10-bit ADCs
    Clocked from a single 27 MHz crystal
    Line-locked clock-compatible (LLC)
    Adaptive Digital Line Length Tracking (ADLLT™), signal processing, and enhanced FIFO management give miniTBC functionality
    5-line adaptive comb filters
    Proprietary architecture for locking to weak, noisy, and unstable video sources such as VCRs and tuners
    Subcarrier frequency lock and status information output
    Integrated AGC with adaptive peak white mode
    Macrovision® copy protection detection
    Chroma transient improvement (CTI)
    Digital noise reduction (DNR)
    Multiple programmable analog input formats
        Composite video (CVBS)
        S-Video (Y/C)
        YPrPb component (VESA, MII, SMPTE, and BetaCam)
    12 analog video input channels
    Automatic NTSC/PAL/SECAM identification
    Digital output formats (8-bit or 16-bit) ITU-R BT.656 YCrCb 4:2:2 output + HS, VS, and FIELD
    0.5 V to 1.6 V analog signal input range
    Differential gain: 0.5% typ
    Differential phase: 0.5° typ
    Programmable video controls Peak white/hue/brightness/saturation/contrast
    Integrated on-chip video timing generator
    Free-run mode (generates stable video output with no I/P)
    VBI decode support for close captioning, WSS, CGMS, EDTV, Gemstar® 1×/2×
    Power-down mode
    2-wire serial MPU interface (I2C®-compatible)
    3.3 V analog, 1.8 V digital core; 3.3 V IO supply
    2 temperature grades: 0°C to +70°C and –40°C to +85°C
    80-lead LQFP Pb-free package

APPLICATIONS
    DVD recorders
    Video projectors
    HDD-based PVRs/DVDRs
    LCD TVs
    Set-top boxes
    Security systems
    Digital televisions
    AVR receivers




Similar Part No. - ADV7183B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
Multiformat SDTV Video Decoder
Rev. B
More results


Similar Description - ADV7183B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
Multiformat SDTV Video Decoder
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com