Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6403UJ Datasheet (PDF) - NXP Semiconductors

BTS6403UJ Datasheet PDF - NXP Semiconductors
Part # BTS6403UJ
Download  BTS6403UJ Download
File Size   943.16 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz

BTS6403UJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS6403UJ Datasheet PDF - NXP Semiconductors

Part # BTS6403UJ
Download  BTS6403UJ Click to download

File Size   943.16 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz

BTS6403UJ Datasheet (HTML) - NXP Semiconductors


BTS6403UJ Product details

description
The BTS6403U is a wideband, high gain, high linearity pre-driver amplifier for 5G massive MIMO infrastructure
applications, with fast on-off switching to support TDD systems. The BTS6403U is designed to operate between
2.3 GHz and 4.2 GHz. The BTS6403U is housed in a 3 mm x 3 mm x 0.85 mm 16-terminal HVQFN16 package.
The amplifier is ESD protected on all terminals.

Features
• High saturated output power Po(sat) = 29.5 dBm
• High power-gain Gp = 38.5 dB
• High linearity performance ACLR = -45 dBc
• Unconditionally stable
• Fast switching to support TDD systems
• 5 V single supply, quiescent current 100 mA
• Small 16-terminal leadless package 3 mm x 3 mm x 0.85 mm
• ESD protection on all terminals
• Moisture sensitivity level 1

Applications
• Wireless infrastructure 5G NR mMIMO
• High linearity pre-driver
• TDD systems




Similar Part No. - BTS6403UJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
Smart Sense High-Side Power Switch
2003-Oct-01
BTS640S2G INFINEON-BTS640S2G Datasheet
240Kb / 15P
Smart Sense High-Side Power Switch
2003-Oct-01
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
Smart Sense High-Side Power Switch
V1.1, 2008-19-08
BTS640S2S INFINEON-BTS640S2S Datasheet
240Kb / 15P
Smart Sense High-Side Power Switch
2003-Oct-01
More results


Similar Description - BTS6403UJ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
logo
Guerrilla RF, Inc.
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5536W GUERRILLA-GRF5536W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
logo
NXP Semiconductors
BTS6305U NXP-BTS6305U Datasheet
358Kb / 16P
High linearity pre-driver amplifier with differential input 2.3 GHz - 4.2 GHz
Rev. 1 - 12 April 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com