Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22280 Datasheet (PDF) - Analog Devices

AD22280 Datasheet PDF - Analog Devices
Part # AD22280
Download  AD22280 Download
File Size   190.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Axis, High-g, iMEMS Accelerometers

AD22280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22280 Datasheet PDF - Analog Devices

Part # AD22280
Download  AD22280 Click to download

File Size   190.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Axis, High-g, iMEMS Accelerometers

AD22280 Datasheet (HTML) - Analog Devices


AD22280 Product details

GENERAL DESCRIPTION

The ADXL78 is a low power, complete single-axis accelerometer with signal conditioned voltage outputs that are on a single monolithic IC. This product measures acceleration with a full scale range of ±35 g, ±50 g, or ±70 g(minimum). It can also measure both dynamic acceleration (vibration) and static acceleration (gravity).



FEATURES

Complete acceleration measurement system on a single monolithic IC

Available in ±35 g, ±50 g, or ±70 goutput full-scale ranges

Full differential sensor and circuitry for high resistance to EMI/RFI

Environmentally robust packaging

Complete mechanical and electrical self-test on digital command

Output ratiometric to supply

Sensitive axes in the plane of the chip

High linearity (0.2% of full scale)

Frequency response down to dc

Low noise

Low power consumption (1.3 mA)

Tight sensitivity tolerance and 0 goffset capability

Largest available prefilter clipping headroom

400 Hz, 2-pole Bessel filter

Single-supply operation

Compatible with Sn/Pb and Pb-free solder processes

Qualified for automotive applications




Similar Part No. - AD22280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
More results


Similar Description - AD22280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com