Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA895TS Datasheet (PDF) - Renesas Technology Corp

UPA895TS Datasheet PDF - Renesas Technology Corp
Part # UPA895TS
Download  UPA895TS Download
File Size   206.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TWIN TRANSISTOR

UPA895TS Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA895TS Datasheet PDF - Renesas Technology Corp

Part # UPA895TS
Download  UPA895TS Click to download

File Size   206.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TWIN TRANSISTOR

UPA895TS Datasheet (HTML) - Renesas Technology Corp


UPA895TS Product details

NPN SILICON RF TRANSISTOR (WITH 2 ELEMENTS)
IN A 6-PIN SUPER LEAD-LESS MINIMOLD

FEATURES
• Built-in low voltage operation, low phase distortion transistor suited for OSC applications
fT = 4.5 GHz TYP., S21e2 = 4.0 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• Built-in 2 transistors (2 × 2SC5800)
• 6-pin super lead-less minimold package




Similar Part No. - UPA895TS

ManufacturerPart #DatasheetDescription
logo
NEC
UPA895TD NEC-UPA895TD Datasheet
129Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
logo
California Eastern Labs
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA895TD RENESAS-UPA895TD Datasheet
292Kb / 13P
NPN SILICON RF TWIN TRANSISTOR
2003
logo
NEC
UPA895TD-T3 NEC-UPA895TD-T3 Datasheet
129Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA895TD-T3 RENESAS-UPA895TD-T3 Datasheet
292Kb / 13P
NPN SILICON RF TWIN TRANSISTOR
2003
More results


Similar Description - UPA895TS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
NPN SILICON RF TWIN TRANSISTOR
1999
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
2008
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
NPN SILICON RF TWIN TRANSISTOR
2004
UPA854TD RENESAS-UPA854TD Datasheet
351Kb / 35P
NPN SILICON RF TWIN TRANSISTOR
2001
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com