Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9255C Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9255C Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9255C
Download  9255C Download
File Size   1072.23 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm

9255C Datasheet (PDF)

Go To PDF Page Download Datasheet
9255C Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9255C
Download  9255C Click to download

File Size   1072.23 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm

9255C Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9255C Product details

• Wide measuring range
• For heavy duty application
• Compact design




Similar Part No. - 9255C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
925574-2 MACOM-925574-2 Datasheet
54Kb / 1P
RTV SOCKET (FOR 1,3mm.DIA. PIN)
logo
TE Connectivity Ltd
925575-1 TEC-925575-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925575-2 TEC-925575-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925575-3 TEC-925575-3 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925590-1 TEC-925590-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results


Similar Description - 9255C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9109A KISTLER-9109A Datasheet
428Kb / 4P
MicroDyn Multicomponent dynamometer up to 500 N, cover plate 30x30 mm
9119AA1 KISTLER-9119AA1 Datasheet
1Mb / 5P
MiniDyn Multicomponent Dynamometer up to 4 000 N, cover plate 39x80 mm
9119AA2 KISTLER-9119AA2 Datasheet
2Mb / 12P
MiniDyn Multicomponent Dynamometer up to 4 000 N, cover plate 55x80 mm
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com