Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1GX04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1GX04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1GX04
Download  74LVC1GX04 Download
File Size   247.81 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description X-tal driver

74LVC1GX04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1GX04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1GX04
Download  74LVC1GX04 Click to download

File Size   247.81 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description X-tal driver

74LVC1GX04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1GX04 Product details

1. General description
The 74LVC1GX04 is a crystal driver. Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC1GX04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
X-tal driver
2003 Aug 13
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
97Kb / 2P
One chip crystal oscillator driver
August 2003
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
X-tal driver
logo
Texas Instruments
74LVC1GX04DBVRE4 TI1-74LVC1GX04DBVRE4 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
74LVC1GX04DBVRG4 TI1-74LVC1GX04DBVRG4 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
More results


Similar Description - 74LVC1GX04

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
20BIT STEREO ADC & DAC WITH X TAL OSC
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
X-tal driver
2003 Aug 13
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
X-tal driver
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com