Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G06GN Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC2G06GN Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC2G06GN
Download  74LVC2G06GN Download
File Size   256.51 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverters with open-drain outputs

74LVC2G06GN Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G06GN Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC2G06GN
Download  74LVC2G06GN Click to download

File Size   256.51 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverters with open-drain outputs

74LVC2G06GN Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC2G06GN Product details

1. General description
The 74LVC2G06 is a dual inverter with open-drain outputs. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments. Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and
fall times. This device is fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output, preventing the potentially damaging backflow current through the
device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• -24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC2G06GN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G06GF NXP-74LVC2G06GF Datasheet
88Kb / 15P
Inverters with open-drain outputs
Rev. 03-21 May 2007
74LVC2G06GM PHILIPS-74LVC2G06GM Datasheet
84Kb / 14P
Inverters with open-drain outputs
2004 Sep 10
74LVC2G06GM NXP-74LVC2G06GM Datasheet
88Kb / 15P
Inverters with open-drain outputs
Rev. 03-21 May 2007
74LVC2G06GV PHILIPS-74LVC2G06GV Datasheet
84Kb / 14P
Inverters with open-drain outputs
2004 Sep 10
74LVC2G06GV NXP-74LVC2G06GV Datasheet
88Kb / 15P
Inverters with open-drain outputs
Rev. 03-21 May 2007
More results


Similar Description - 74LVC2G06GN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G06 PHILIPS-74LVC2G06 Datasheet
84Kb / 14P
Inverters with open-drain outputs
2004 Sep 10
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
NXP Semiconductors
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
Inverters with open-drain outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com