Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11G1 Datasheet (PDF) - ISOCOM COMPONENTS

H11G1 Datasheet PDF - ISOCOM COMPONENTS
Part # H11G1
Download  H11G1 Download
File Size   56.46 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR

H11G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11G1 Datasheet PDF - ISOCOM COMPONENTS

Part # H11G1
Download  H11G1 Click to download

File Size   56.46 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR

H11G1 Datasheet (HTML) - ISOCOM COMPONENTS


H11G1 Product details

DESCRIPTION
The H11G_ series are optically coupled isolators consisting of an infrared light emitting diode and a high voltage NPN silicon photo darlington which has an integral base-emitter resistor to optimise switching speed and elevated temperature characteristics in a standard 6pin dual in line plastic package.

FEATURES
● Options :-
   10mm lead spread - add G after part no.
   Surface mount - add SM after part no.
   Tape&reel - add SMT&R after part no.
● High Isolation Voltage (5.3kVRMS ,7.5kVPK )
● High Current Transfer Ratio ( 1000% min)
● High BVCEO (H11G1 - 100V min.)
● Low collector dark current :-
   100nA max. at 80V VCE
● Low input current 1mA IF

APPLICATIONS
● Modems
● Copiers, facsimiles
● Numerical control machines
● Signal transmission between systems of
   different potentials and impedances




Similar Part No. - H11G1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
QT Optoelectronics
H11G1 QT-H11G1 Datasheet
300Kb / 4P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPERS
logo
Fairchild Semiconductor
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
H11G1 ETC1-H11G1 Datasheet
139Kb / 4P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
More results


Similar Description - H11G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS660 ETC1-IS660 Datasheet
49Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS7000 ETC1-IS7000 Datasheet
41Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
IS725 ISOCOM-IS725 Datasheet
53Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11D1X ISOCOM-H11D1X Datasheet
78Kb / 3P
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11G1 ISOCOM-H11G1_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
IS660 ISOCOM-IS660_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725_08 Datasheet
83Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
ISP627 ISOCOM-ISP627 Datasheet
129Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
TLP627X ISOCOM-TLP627X Datasheet
77Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com