Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983-F Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

983-F Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 983-F
Download  983-F Download
File Size   1770.52 Kbytes
Page   2 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Tab/screw connector blocks with tabs 4,8 or screw connection

983-F Datasheet (PDF)

Go To PDF Page Download Datasheet
983-F Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 983-F
Download  983-F Click to download

File Size   1770.52 Kbytes
Page   2 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Tab/screw connector blocks with tabs 4,8 or screw connection

983-F Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


983-F Product details

Tab/screw connector block 983-F in 10 mm pitch is based on our proven 98..
series.
It features a 4.8 mm tab connector in star-shaped arrangement and is available in
2- to 24-pole design for a maximum of six tab connectors or alternatively one screw
connector per pole.
The compartments on both extremities of the block can serve for mounting on a
substrate. Upon request, other compartments can remain empty for mounting
purposes.
Installation note:
Since the bottom is not closed, the connector should be mounted on an isolating
substrate/surface. Alternatively, our marking strip BST-983-F can be used for this
purpose.
Due to the large variety of different types, listing numbers and prices of the various
articles is not possible. When inquiring or ordering products with uniform assembly,
stating the number of poles and the assembly number is sufficient. For mixed
assemblies, we require an exemplary scheme including the orientation of
asymmetrical assemblies, stating the number of desired poles and the assembly of
each pole with assembly number.




Similar Part No. - 983-F

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
983-FS WECO-983-FS Datasheet
93Kb / 1P
Tab connector Tab/screw connection, 1 solder pin per pole
03.19
More results


Similar Description - 983-F

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700093 PHOENIX-2700093 Datasheet
59Kb / 4P
Connection element with screw connection terminal blocks for base mounting
logo
WECO ELECTRICAL CONNECT...
130-A WECO-130-A Datasheet
376Kb / 2P
Screw connection
04.15
307-PC WECO-307-PC Datasheet
1Mb / 2P
Tab/screw connector blocks Star-shaped tab arrangement
02.19
322-A-2.8 WECO-322-A-2.8 Datasheet
107Kb / 1P
Tab/screw connector with tab A 2,8
05.18
950-FL-DS WECO-950-FL-DS Datasheet
170Kb / 1P
Screw connection
06.11
982-F WECO-982-F Datasheet
1Mb / 2P
Tab/screw connector blocks with tabs 4,8 or screw connection
04.19
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
983-FS WECO-983-FS Datasheet
93Kb / 1P
Tab connector Tab/screw connection, 1 solder pin per pole
03.19
983-MF-2.8 WECO-983-MF-2.8 Datasheet
120Kb / 1P
Tab/screw connector blocks with tabs
03.19
983-SMF-2.8 WECO-983-SMF-2.8 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com