Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5932 Datasheet (PDF) - Analog Devices

AD5932 Datasheet PDF - Analog Devices
Part # AD5932
Download  AD5932 Download
File Size   473.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Frequency Scan Waveform Generator

AD5932 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5932 Datasheet PDF - Analog Devices

Part # AD5932
Download  AD5932 Click to download

File Size   473.22 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Frequency Scan Waveform Generator

AD5932 Datasheet (HTML) - Analog Devices


AD5932 Product details

GENERAL DESCRIPTION
The AD59321 is a waveform generator offering a programmable frequency scan. Utilizing embedded digital processing that allows enhanced frequency control, the device generates synthesized analog or digital frequency-stepped waveforms. Because frequency profiles are preprogrammed, continuous write cycles are eliminated, thereby freeing up valuable DSP/microcontroller resources. Waveforms start from a known phase and are incremented phase-continuously, which allows phase shifts to be easily determined. Consuming only 6.7 mA, the AD5932 provides a convenient low power solution to waveform generation.

FEATURES
   Programmable frequency profile
      No external components necessary
   Output frequency up to 25 MHz
   Preprogrammable frequency profile minimizes number of
      DSP/microcontroller writes
   Sinusoidal/triangular/square wave outputs
   Automatic or single pin control of frequency stepping
   Power-down mode: 20 µA
   Power supply: 2.3 V to 5.5 V
   Automotive temperature range: −40°C to +125°C
   16-lead, Pb-free TSSOP
  
APPLICATIONS
   Frequency scanning/radar
   Network/impedance measurements
   Incremental frequency stimulus
   Sensory applications
      Proximity and motion




Similar Part No. - AD5932

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD5932YRUZ AD-AD5932YRUZ Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD5932YRUZ-REEL7 AD-AD5932YRUZ-REEL7 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
More results


Similar Description - AD5932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
logo
Analog Devices
AD5930 AD-AD5930 Datasheet
699Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
WAVEFORM GENERATOR
logo
Analog Devices
AD5930 AD-AD5930_15 Datasheet
536Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
REV. B
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
5/2017-Rev. C to Rev. D
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
Programmable Waveform Generator
4/2018-Rev. E to Rev. F
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com