Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7324 Datasheet (PDF) - Analog Devices

AD7324 Datasheet PDF - Analog Devices
Part # AD7324
Download  AD7324 Download
File Size   591.45 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7324 Datasheet PDF - Analog Devices

Part # AD7324
Download  AD7324 Click to download

File Size   591.45 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7324 Datasheet (HTML) - Analog Devices


AD7324 Product details

GENERAL DESCRIPTION
The AD7324 1 is a 4-channel, 12-bit plus sign, successive approximation ADC designed on the iCMOS (industrial CMOS) process. iCMOS is a process combining high voltage silicon with submicron CMOS and complementary bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts could achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can accept bipolar input signals while providing increased performance, dramatically reduced power consumption, and reduced package size.
The AD7324 can accept true bipolar analog input signals. The AD7324 has four software-selectable input ranges, ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V. Each analog input channel can be independently programmed to one of the four input ranges. The analog input channels on the AD7324 can be programmed to be single-ended, true differential, or pseudo differential.
The ADC contains a 2.5 V internal reference. The AD7324 also allows for external reference operation. If a 3 V reference is applied to the REFIN/OUT pin, the AD7324 can accept a true bipolar ±12 V analog input. Minimum ±12 V VDD and VSS supplies are required for the ±12 V input range. The ADC has a high speed serial interface that can operate at throughput rates up to 1 MSPS.

FEATURES
   12-bit plus sign SAR ADC
   True bipolar input ranges
   Software-selectable input ranges
      ±10 V, ±5 V, ±2.5 V, 0 V to +10 V
   1 MSPS throughput rate
   Four analog input channels with channel sequencer
   Single-ended, true differential, and pseudo differential
      analog input capability
   High analog input impedance
   Low power: 21 mW
   Full power signal bandwidth: 22 MHz
   Internal 2.5 V reference
   High speed serial interface
   Power-down modes
   16-lead TSSOP package
   iCMOS™ process technology




Similar Part No. - AD7324

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324BRUZ AD-AD7324BRUZ Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324BRUZ-REEL AD-AD7324BRUZ-REEL Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324BRUZ-REEL7 AD-AD7324BRUZ-REEL7 Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Similar Description - AD7324

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com