Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS7222A Datasheet (PDF) - ON Semiconductor

NLAS7222A Datasheet PDF - ON Semiconductor
Part # NLAS7222A
Download  NLAS7222A Download
File Size   148.05 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V, Wide Bandwidth, 2??to ???뭁ort (DPDT) Switch with Enable

NLAS7222A Datasheet (PDF)

Go To PDF Page Download Datasheet
NLAS7222A Datasheet PDF - ON Semiconductor

Part # NLAS7222A
Download  NLAS7222A Click to download

File Size   148.05 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V, Wide Bandwidth, 2??to ???뭁ort (DPDT) Switch with Enable

NLAS7222A Datasheet (HTML) - ON Semiconductor




Similar Part No. - NLAS7222A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A Datasheet
160Kb / 11P
High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
NLAS7222A ONSEMI-NLAS7222A Datasheet
1Mb / 6P
Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NLAS7222A ONSEMI-NLAS7222A Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
160Kb / 11P
High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
More results


Similar Description - NLAS7222A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI2LVD512 PERICOM-PI2LVD512 Datasheet
444Kb / 8P
1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable
logo
STMicroelectronics
STHDMI002A STMICROELECTRONICS-STHDMI002A Datasheet
574Kb / 26P
Wide bandwidth, 2 to 1 HDMI switch with single enable
10-Oct-2006
logo
NEC
UPD5738T6N NEC-UPD5738T6N Datasheet
125Kb / 11P
WIDE BAND DPDT SWITCH
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
logo
California Eastern Labs
UPD5738T6N CEL-UPD5738T6N_09 Datasheet
524Kb / 10P
WIDE BAND DPDT SWITCH
logo
Renesas Technology Corp
PD5738T6N RENESAS-PD5738T6N Datasheet
255Kb / 13P
WIDE BAND DPDT SWITCH
logo
NXP Semiconductors
CBTU04082 NXP-CBTU04082 Datasheet
318Kb / 15P
1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch with single enable
Rev. 2 - 13 July 2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com