Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408975 Datasheet (PDF) - PHOENIX CONTACT

1408975 Datasheet PDF - PHOENIX CONTACT
Part # 1408975
Download  1408975 Download
File Size   381.14 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4RC/2,0-93B/R4RC - Network cable

1408975 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408975 Datasheet PDF - PHOENIX CONTACT

Part # 1408975
Download  1408975 Click to download

File Size   381.14 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4RC/2,0-93B/R4RC - Network cable

1408975 Datasheet (HTML) - PHOENIX CONTACT


1408975 Product details

Assembled PROFINET cable, CAT5e, shielded, star quad, 22 AWG stranded (7-wire), RAL 6018
(yellow-green), RJ45 plug/IP67 push/pull metal housing to RJ45 plug/IP67 push/pull metal
housing, line, length: 2 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408970 PHOENIX-1408970 Datasheet
506Kb / 5P
Patch cable - NBC-R4AC/5,0-93B/R4AC
1408971 PHOENIX-1408971 Datasheet
365Kb / 9P
NBC-R4AC/10,0-93B/R4AC - Patch cable
1408972 PHOENIX-1408972 Datasheet
381Kb / 10P
NBC-R4RC/5,0-93B/R4RC - Network cable
1408973 PHOENIX-1408973 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-SHFH-2STM40-EEE
1408974 PHOENIX-1408974 Datasheet
381Kb / 10P
NBC-R4RC/1,0-93B/R4RC - Network cable
More results


Similar Description - 1408975

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408976 PHOENIX-1408976 Datasheet
377Kb / 10P
NBC-R4RC/10,0-93B/R4RC - Network cable
1411866 PHOENIX-1411866 Datasheet
496Kb / 15P
NBC-R4RC-R4RC-PN4/.../... - Network cable
1408972 PHOENIX-1408972 Datasheet
381Kb / 10P
NBC-R4RC/5,0-93B/R4RC - Network cable
1407547 PHOENIX-1407547 Datasheet
699Kb / 18P
NBC-M12FSD/10,0-93B/R4RC - Network cable
1408942 PHOENIX-1408942 Datasheet
384Kb / 10P
NBC-R4RC/2,0-93E/R4RC - Network cable
1408962 PHOENIX-1408962 Datasheet
395Kb / 10P
NBC-R4RC/2,0-94B/R4RC - Network cable
1408974 PHOENIX-1408974 Datasheet
381Kb / 10P
NBC-R4RC/1,0-93B/R4RC - Network cable
1407517 PHOENIX-1407517 Datasheet
700Kb / 19P
NBC-M12MSD/ 2,0-93B/R4RC - Network cable
1407545 PHOENIX-1407545 Datasheet
698Kb / 18P
NBC-M12FSD/ 2,0-93B/R4RC - Network cable
1407546 PHOENIX-1407546 Datasheet
698Kb / 18P
NBC-M12FSD/ 5,0-93B/R4RC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com