Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7367ARUZ Datasheet (PDF) - Analog Devices

AD7367ARUZ Datasheet PDF - Analog Devices
Part # AD7367ARUZ
Download  AD7367ARUZ Download
File Size   538.72 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7367ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7367ARUZ Datasheet PDF - Analog Devices

Part # AD7367ARUZ
Download  AD7367ARUZ Click to download

File Size   538.72 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7367ARUZ Datasheet (HTML) - Analog Devices


AD7367ARUZ Product details

GENERAL DESCRIPTION

The AD73291 is an 8-channel, 12-bit plus sign successive approximation ADC designed on the iCMOS™ (industrial CMOS) process. iCMOS is a process combining high voltage CMOS and low voltage CMOS. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts could achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can accept bipolar input signals while providing increased performance, dramatically reduced power consumption, and reduced package size.



FEATURES

12-bit plus sign SAR ADC

True bipolar input ranges

Software-selectable input ranges

±10 V, ±5 V, ±2.5 V, 0 V to +10 V

1 MSPS throughput rate

8 analog input channels with channel sequencer

Single-ended true differential and pseudo differential analog input capability

High analog input impedance

MUXOUT and ADCIN pins allow separate access to mux and ADC

Low power: 21 mW

Temperature indicator

Full power signal bandwidth: 20 MHz

Internal 2.5 V reference

High speed serial interface

iCMOS process technology

24-lead TSSOP package

Power-down modes




Similar Part No. - AD7367ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367ARUZ AD-AD7367ARUZ Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
AD7367ARUZ-REEL7 AD-AD7367ARUZ-REEL7 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
More results


Similar Description - AD7367ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322 AD-AD7322_15 Datasheet
911Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7322 AD-AD7322 Datasheet
725Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7329 AD-AD7329_17 Datasheet
843Kb / 39P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com