Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12T3 Datasheet (PDF) - ON Semiconductor

SS12T3 Datasheet PDF - ON Semiconductor
Part # SS12T3
Download  SS12T3 Download
File Size   102.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V, 6.0 A, Low VCE(sat) PNP Transistor

SS12T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS12T3 Datasheet PDF - ON Semiconductor

Part # SS12T3
Download  SS12T3 Click to download

File Size   102.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V, 6.0 A, Low VCE(sat) PNP Transistor

SS12T3 Datasheet (HTML) - ON Semiconductor




Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 6P
12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
102Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results


Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com