Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUD4011 Datasheet (PDF) - ON Semiconductor

NUD4011 Datasheet PDF - ON Semiconductor
Part # NUD4011
Download  NUD4011 Download
File Size   134.31 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Current LED Driver

NUD4011 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUD4011 Datasheet PDF - ON Semiconductor

Part # NUD4011
Download  NUD4011 Click to download

File Size   134.31 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Current LED Driver

NUD4011 Datasheet (HTML) - ON Semiconductor


NUD4011 Product details

This device is designed to replace discrete solutions for driving LEDs in AC/DC high voltage applications (up to 200 V). An external resistor allows the circuit designer to set the drive current for different LED arrays. This discrete integration technology eliminates individual components by combining them into a single package, which results in a significant reduction of both system cost and board space. The device is a small surface mount package (SO−8).

Features
• Supplies Constant LED Current for Varying Input Voltages
• External Resistor Allows Designer to Set Current – up to 70 mA
• Offered in Surface Mount Package Technology (SO−8)
• Pb−Free Package is Available

Benefits
• Maintains a Constant Light Output During Battery Drain
• One Device can be used for Many Different LED Products
• Reduces Board Space and Component Count
• Simplifies Circuit and System Designs

Typical Applications
• Portables: For Battery Back−up Applications, also Simple Ni−CAD Battery Charging
• Industrial: General Lighting Applications and Small Appliances
• Automotive: Tail Lights, Directional Lights, Back−up Light, Dome Light




Similar Part No. - NUD4011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
NUD4001 ONSEMI-NUD4001 Datasheet
147Kb / 8P
High Current LED Driver
November, 2011 ??Rev. 7
NUD4001DR2 ONSEMI-NUD4001DR2 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
NUD4001DR2G ONSEMI-NUD4001DR2G Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
More results


Similar Description - NUD4011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Recom International Pow...
RCD-24 RECOM-RCD-24_10 Datasheet
358Kb / 6P
Constant Current LED Driver
logo
SeCoS Halbleitertechnol...
SSMG501 SECOS-SSMG501 Datasheet
233Kb / 4P
Low Power Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
Constant-Current LED Driver
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9914 HMSEMI-HM9914 Datasheet
713Kb / 4P
LED constant current driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com