Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB11CAT3 Datasheet (PDF) - ON Semiconductor

P6SMB11CAT3 Datasheet PDF - ON Semiconductor
Part # P6SMB11CAT3
Download  P6SMB11CAT3 Download
File Size   71.25 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Transient Voltage Suppressors

P6SMB11CAT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB11CAT3 Datasheet PDF - ON Semiconductor

Part # P6SMB11CAT3
Download  P6SMB11CAT3 Click to download

File Size   71.25 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Transient Voltage Suppressors

P6SMB11CAT3 Datasheet (HTML) - ON Semiconductor


P6SMB11CAT3 Product details

600 Watt Peak Power Zener Transient Voltage Suppressors

Bidirectional*

PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS

9.4−78 VOLTS 600 WATT PEAK POWER



The SMB series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener

impedance and fast response time. The SMB series is supplied in ON Semiconductor’s  exclusive,  cost-effective,  highly  reliable Surmeticpackage and is ideally suited for use in communication

systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.



Features

•Working Peak Reverse Voltage Range − 9.4 to 77.8 V

•Standard Zener Breakdown Voltage Range − 11 to 91 V

•Peak Power − 600 W @ 1 ms

•ESD Rating of Class 3 (>16 KV) per Human Body Model

•Maximum Clamp Voltage @ Peak Pulse Current

•Low Leakage < 5 A Above 10 V

•UL 497B for Isolated Loop Circuit Protection

•Response Time is Typically < 1 ns

•Pb−Free Packages are Available



 




Similar Part No. - P6SMB11CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6SMB11CAT3/D ONSEMI-P6SMB11CAT3/D Datasheet
161Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 - Rev. 12
P6SMB11CAT3G ONSEMI-P6SMB11CAT3G Datasheet
161Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 - Rev. 12
More results


Similar Description - P6SMB11CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
P6SMB6 ONSEMI-P6SMB6_07 Datasheet
70Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com