Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ12AON Datasheet (PDF) - ON Semiconductor

SMBJ12AON Datasheet PDF - ON Semiconductor
Part # SMBJ12AON
Download  SMBJ12AON Download
File Size   62.71 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Transient Voltage Suppressor

SMBJ12AON Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ12AON Datasheet PDF - ON Semiconductor

Part # SMBJ12AON
Download  SMBJ12AON Click to download

File Size   62.71 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Transient Voltage Suppressor

SMBJ12AON Datasheet (HTML) - ON Semiconductor


SMBJ12AON Product details

The SMBJ12AON is designed to protect voltage sensitive components from high voltage, high energy transients. This device has excellent clamping capability, high surge capability, low zener impedance and fast response time. The SMBJ12AON is ideally suited for use in computer hard disk drives, communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies, and many other industrial/consumer applications.

Specification Features:
 • Working Peak Reverse Voltage Range - 12 V
 • Peak Power - 600 Watts @ 1 ms at Maximum Clamp Voltage @ Peak Pulse Current
 • ESD Rating of Class 3 (>16 KV) per Human Body Model
 • ESD Rating IEC 61000 -4.2 Level 4
 • Low Leakage < 5 μA at 12 V
 • UL 497B for Isolated Loop Circuit Protection
 • Response Time is Typically < 1 ns
 • Pb-Free Package is Available




Similar Part No. - SMBJ12AON

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ12A JGD-SMBJ12A Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ12A DCCOM-SMBJ12A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ12A DIODES-SMBJ12A Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
EIC discrete Semiconduc...
SMBJ12A EIC-SMBJ12A Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ12A GE-SMBJ12A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMBJ12AON

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSB12ANT3G ONSEMI-NSB12ANT3G Datasheet
90Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressor
December, 2007 - Rev. 0
NSB13ANT3G ONSEMI-NSB13ANT3G Datasheet
90Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressor
December, 2007 - Rev. 0
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
NS6A12AT3G ONSEMI-NS6A12AT3G Datasheet
103Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
August, 2014 ??Rev. 0
logo
Littelfuse
NS6A12AT3G LITTELFUSE-NS6A12AT3G Datasheet
229Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
NS6A13AT3G LITTELFUSE-NS6A13AT3G Datasheet
239Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AFT3G LITTELFUSE-NSA5.0AFT3G Datasheet
235Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
NSB12ANT3G LITTELFUSE-NSB12ANT3G Datasheet
233Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMBJ5.0 AITSEMI-SMBJ5.0 Datasheet
542Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com