Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1453 Datasheet (PDF) - Renesas Technology Corp

UPA1453 Datasheet PDF - Renesas Technology Corp
Part # UPA1453
Download  UPA1453 Download
File Size   208.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR ARRAY

UPA1453 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1453 Datasheet PDF - Renesas Technology Corp

Part # UPA1453
Download  UPA1453 Click to download

File Size   208.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR ARRAY

UPA1453 Datasheet (HTML) - Renesas Technology Corp


UPA1453 Product details

PNP SILICON POWER TRANSISTOR ARRAY
HIGH SPEED SWITCHING USE
INDUSTRIAL USE

FEATURES
• Easy mount by 0.1 inch of terminal interval.
• High hFE. Low VCE(sat).
hFE = 100 to 400 (at IC = –2 A)
VCE(sat) = –0.3 V MAX. (at IC = –2 A)




Similar Part No. - UPA1453

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
UPA1453H NEC-UPA1453H Datasheet
54Kb / 6P
PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
More results


Similar Description - UPA1453

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1424 RENESAS-UPA1424 Datasheet
4Mb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1427 RENESAS-UPA1427 Datasheet
3Mb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1428A RENESAS-UPA1428A Datasheet
210Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1434 RENESAS-UPA1434 Datasheet
208Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1436A RENESAS-UPA1436A Datasheet
209Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1437 RENESAS-UPA1437 Datasheet
211Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1454 RENESAS-UPA1454 Datasheet
208Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1456 RENESAS-UPA1456 Datasheet
209Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1476 RENESAS-UPA1476 Datasheet
211Kb / 8P
SILICON TRANSISTOR ARRAY
1994
UPA1478 RENESAS-UPA1478 Datasheet
208Kb / 8P
SILICON TRANSISTOR ARRAY
1994
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com