Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1523B Datasheet (PDF) - Renesas Technology Corp

UPA1523B Datasheet PDF - Renesas Technology Corp
Part # UPA1523B
Download  UPA1523B Download
File Size   233.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description COMPOUND FIELD EFFECT POWER TRANSISTOR

UPA1523B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1523B Datasheet PDF - Renesas Technology Corp

Part # UPA1523B
Download  UPA1523B Click to download

File Size   233.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description COMPOUND FIELD EFFECT POWER TRANSISTOR

UPA1523B Datasheet (HTML) - Renesas Technology Corp


UPA1523B Product details

DESCRIPTION
The mPA1523B is P-channel Power MOS FET Array that built
in 4 circuits designed for solenoid, motor and lamp driver.
FEATURES
• Full Mold Package with 4 Circuits
• –4 V driving is possible
• Low On-state Resistance
RDS(on)1 = 0.8 W MAX. (@VGS = –10 V, ID = –1 A)
RDS(on)2 = 1.3 W MAX. (@VGS = –4 V, ID = –1 A)
• Low Input Capacitance Ciss = 190 pF TYP.




Similar Part No. - UPA1523B

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1523B NEC-UPA1523B Datasheet
75Kb / 8P
P-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
UPA1523BH NEC-UPA1523BH Datasheet
75Kb / 8P
P-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
More results


Similar Description - UPA1523B

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1602 NEC-UPA1602 Datasheet
329Kb / 8P
COMPOUND FIELD EFFECT POWER TRANSISTOR
logo
Renesas Technology Corp
UPA1500 RENESAS-UPA1500 Datasheet
5Mb / 10P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1993
UPA1500B RENESAS-UPA1500B Datasheet
238Kb / 10P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1995
UPA1501 RENESAS-UPA1501 Datasheet
508Kb / 9P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1993
UPA1520 RENESAS-UPA1520 Datasheet
452Kb / 8P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1993
UPA1520B RENESAS-UPA1520B Datasheet
226Kb / 10P
Compound Field Effect Power Transistor
1995
UPA1570 RENESAS-UPA1570 Datasheet
4Mb / 8P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1994
UPA1576 RENESAS-UPA1576 Datasheet
464Kb / 9P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1994
UPA1603 RENESAS-UPA1603 Datasheet
387Kb / 10P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1994
UPA1604 RENESAS-UPA1604 Datasheet
446Kb / 10P
COMPOUND FIELD EFFECT POWER TRANSISTOR
1994
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com