Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA1700 Datasheet (PDF) - Renesas Technology Corp

UPA1700 Datasheet PDF - Renesas Technology Corp
Part # UPA1700
Download  UPA1700 Download
File Size   231.07 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTOR

UPA1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1700 Datasheet PDF - Renesas Technology Corp

Part # UPA1700
Download  UPA1700 Click to download

File Size   231.07 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTOR

UPA1700 Datasheet (HTML) - Renesas Technology Corp


UPA1700 Product details

DESCRIPTION
This product is N-Channel MOS Field Effect Transistor
designed for DC/DC converter and power management
applications of note book computers.
FEATURES
• Low On-Resistance
RDS(on)1 = 27 mW Typ. (VGS = 10 V, ID = 3.5 A)
RDS(on)2 = 50 mW Typ. (VGS = 4 V, ID = 3.5 A)
• Low Ciss Ciss = 850 pF Typ.
• Built-in G-S Protection Diode
• Small and Surface Mount Package
(Power SOP8)




Similar Part No. - UPA1700

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1700A NEC-UPA1700A Datasheet
78Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
UPA1700A RENESAS-UPA1700A Datasheet
227Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
More results


Similar Description - UPA1700

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ302 KEXIN-2SJ302 Datasheet
47Kb / 1P
Mos Field Effect Power Transistor
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
MOS Field Effect Power Transistor
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
2SK2133 KEXIN-2SK2133 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SJ133 RENESAS-2SJ133 Datasheet
372Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
2002
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com