Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72201 Datasheet (PDF) - Integrated Device Technology

IDT72201 Datasheet PDF - Integrated Device Technology
Part # IDT72201
Download  IDT72201 Download
File Size   199.61 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9

IDT72201 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72201 Datasheet PDF - Integrated Device Technology

Part # IDT72201
Download  IDT72201 Click to download

File Size   199.61 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9

IDT72201 Datasheet (HTML) - Integrated Device Technology


IDT72201 Product details

DESCRIPTION:
The IDT72421/72201/72211/72221/72231/72241/72251 SyncFIFO™ are very high-speed, low-power First-In, First-Out (FIFO) memories with clocked read and write controls.
   
FEATURES:
• 64 x 9-bit organization (IDT72421)
• 256 x 9-bit organization (IDT72201)
• 512 x 9-bit organization (IDT72211)
• 1,024 x 9-bit organization (IDT72221)
• 2,048 x 9-bit organization (IDT72231)
• 4,096 x 9-bit organization (IDT72241)
• 8,192 x 9-bit organization (IDT72251)
• 10 ns read/write cycle time (excluding the IDT72251)
• Read and Write Clocks can be independent
• Dual-Ported zero fall-through time architecture
• Empty and Full Flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags can
    be set to any depth
• Programmable Almost-Empty and Almost-Full flags
    default to Empty+7, and Full-7, respectively
• Output enable puts output data bus in high-impedance state
• Advanced submicron CMOS technology
• Available in the 32-pin plastic leaded chip carrier (PLCC)
• All devices, except the 72251, are available in the
    ceramic leadless chip carrier (LCC) and 32-pin Thin
    Quad Flat Pack (TQFP)
• For through-hole product please see the IDT72420/
    72200/72210/72220/72230/72240 data sheet
• Industrial temperature range (–40°C to +85°C) is available
    (plastic packages only)

   




Similar Part No. - IDT72201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
291Kb / 14P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72201 RENESAS-IDT72201 Datasheet
301Kb / 15P
CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72201L10J IDT-IDT72201L10J Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201L10JI IDT-IDT72201L10JI Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201L10PF IDT-IDT72201L10PF Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Similar Description - IDT72201

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com