Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72801 Datasheet (PDF) - Integrated Device Technology

IDT72801 Datasheet PDF - Integrated Device Technology
Part # IDT72801
Download  IDT72801 Download
File Size   231.16 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description DUAL CMOS SyncFIFO

IDT72801 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72801 Datasheet PDF - Integrated Device Technology

Part # IDT72801
Download  IDT72801 Click to download

File Size   231.16 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description DUAL CMOS SyncFIFO

IDT72801 Datasheet (HTML) - Integrated Device Technology


IDT72801 Product details

DESCRIPTION:
72801/72811/72821/72831/72841 are dual synchronous (clocked) FIFOs. The device is functionally equivalent to two 72201/72211/72221/72231/72241 FIFOs in a single package with all associated control, data, and flag lines assigned to separate pins.
   
FEATURES:
• The 72801 is equivalent to two 72201 256 x 9 FIFOs
• The 72811 is equivalent to two 72211 512 x 9 FIFOs
• The 72821 is equivalent to two 72221 1024 x 9 FIFOs
• The 72831 is equivalent to two 72231 2048 x 9 FIFOs
• The 72841 is equivalent to two 72241 4096 x 9 FIFOs
• Offers optimal combination of large capacity, high speed,
    design flexibility and small footprint
• Ideal for prioritization, bidirectional, and width expansion
    applications
• 15 ns read/write cycle time FOR THE 72801/72811
• 20 ns read/write cycle time FOR THE 72821/72831/72841
• Separate control lines and data lines for each FIFO
• Separate empty, full, programmable almost-empty and
    almost-full flags for each FIFO
• Enable puts output data lines in high-impedance state
• Space-saving 64-pin Thin Quad Flat Pack (TQFP)
• Industrial temperature range (-40°C to +85°C) is available,
    tested to military electrical specifications
   




Similar Part No. - IDT72801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72801 RENESAS-IDT72801 Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72801L10PF IDT-IDT72801L10PF Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
IDT72801L10PFI IDT-IDT72801L10PFI Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results


Similar Description - IDT72801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
CMOS DUAL SyncFIFO™
MARCH 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com