Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF4G20LS-110B Datasheet (PDF) - NXP Semiconductors

BLF4G20LS-110B Datasheet PDF - NXP Semiconductors
Part # BLF4G20LS-110B
Download  BLF4G20LS-110B Download
File Size   109.84 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UHF power LDMOS transistor

BLF4G20LS-110B Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF4G20LS-110B Datasheet PDF - NXP Semiconductors

Part # BLF4G20LS-110B
Download  BLF4G20LS-110B Click to download

File Size   109.84 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UHF power LDMOS transistor

BLF4G20LS-110B Datasheet (HTML) - NXP Semiconductors


BLF4G20LS-110B Product details

General description
110 W LDMOS power transistor for base station applications at frequencies from 1800 MHz to 2000 MHz.

Features
■ Typical GSM EDGE performance at a frequency of 1930 MHz and 1990 MHz, a
   supply voltage of 28 V and an IDq of 650 mA:
   ◆ Load power = 48 W (AV)
   ◆ Gain = 13.8 dB (typ)
   ◆ Efficiency = 38.5 % (typ)
   ◆ ACPR400 = −61 dBc (typ)
   ◆ ACPR600 = −74 dBc (typ)
   ◆ EVMrms = 2.1 % (typ)
■ Easy power control
■ Excellent ruggedness
■ High efficiency
■ Excellent thermal stability
■ Designed for broadband operation (1800 MHz to 2000 MHz)
■ Internally matched for ease of use

Applications
■ RF power amplifiers for GSM, GSM EDGE and CDMA base stations and multicarrier
   applications in the 1800 MHz to 2000 MHz frequency range.




Similar Part No. - BLF4G20LS-110B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
UHF power LDMOS transistor
Rev. 01-1 June 2007
More results


Similar Description - BLF4G20LS-110B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com