Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64 Datasheet (PDF) - ATMEL Corporation

ATMEGA64 Datasheet PDF - ATMEL Corporation
Part # ATMEGA64
Download  ATMEGA64 Download
File Size   190.57 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 64K Bytes In-System Programmable Flash

ATMEGA64 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA64 Datasheet PDF - ATMEL Corporation

Part # ATMEGA64
Download  ATMEGA64 Click to download

File Size   190.57 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 64K Bytes In-System Programmable Flash

ATMEGA64 Datasheet (HTML) - ATMEL Corporation


ATMEGA64 Product details

Features

• High-performance, Low-power AVR® 8-bit Microcontroller

• Advanced RISC Architecture

– 130 Powerful Instructions – Most Single Clock Cycle Execution

– 32 x 8 General Purpose Working Registers + Peripheral Control Registers

– Fully Static Operation

– Up to 16 MIPS Throughput at 16 MHz

– On-chip 2-cycle Multiplier

• Non-volatile Program and Data Memories

– 64K Bytes of In-System Reprogrammable Flash

Endurance: 10,000 Write/Erase Cycles

– Optional Boot Code Section with Independent Lock Bits

In-System Programming by On-chip Boot Program

True Read-While-Write Operation

– 2K Bytes EEPROM

Endurance: 100,000 Write/Erase Cycles

– 4K Bytes Internal SRAM

– Up to 64K Bytes Optional External Memory Space

– Programming Lock for Software Security

– SPI Interface for In-System Programming

• JTAG (IEEE std. 1149.1 Compliant) Interface

– Boundary-scan Capabilities According to the JTAG Standard

– Extensive On-chip Debug Support

– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface

• Peripheral Features

– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes

– Two Expanded 16-bit Timer/Counters with Separate Prescaler, Compare Mode, and

Capture Mode

– Real Time Counter with Separate Oscillator

– Two 8-bit PWM Channels

– 6 PWM Channels with Programmable Resolution from 1 to 16 Bits

– 8-channel, 10-bit ADC

8 Single-ended Channels

7 Differential Channels

2 Differential Channels with Programmable Gain (1x, 10x, 200x)

– Byte-oriented Two-wire Serial Interface

– Dual Programmable Serial USARTs

– Master/Slave SPI Serial Interface

– Programmable Watchdog Timer with On-chip Oscillator

– On-chip Analog Comparator

• Special Microcontroller Features

– Power-on Reset and Programmable Brown-out Detection

– Internal Calibrated RC Oscillator

– External and Internal Interrupt Sources

– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby

and Extended Standby

– Software Selectable Clock Frequency

– ATmega103 Compatibility Mode Selected by a Fuse

– Global Pull-up Disable

• I/O and Packages

– 53 Programmable I/O Lines

– 64-lead TQFP and 64-pad MLF

• Operating Voltages

– 2.7 - 5.5V for ATmega64L

– 4.5 - 5.5V for ATmega64

• Speed Grades

– 0 - 8 MHz for ATmega64L

– 0 - 16 MHz for ATmega64




Similar Part No. - ATMEGA64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64 Datasheet
297Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
5Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
659Kb / 25P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
352Kb / 2P
DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
ATmega64 ATMEL-ATmega64 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
More results


Similar Description - ATMEGA64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com