Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS305PZ Datasheet (PDF) - NXP Semiconductors

PBSS305PZ Datasheet PDF - NXP Semiconductors
Part # PBSS305PZ
Download  PBSS305PZ Download
File Size   124.46 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 V, 4.5 A PNP low VCEsat (BISS) transistor

PBSS305PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS305PZ Datasheet PDF - NXP Semiconductors

Part # PBSS305PZ
Download  PBSS305PZ Click to download

File Size   124.46 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 V, 4.5 A PNP low VCEsat (BISS) transistor

PBSS305PZ Datasheet (HTML) - NXP Semiconductors


PBSS305PZ Product details

General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT223 (SC-73) small Surface-Mounted Device (SMD) plastic package.

NPN complement: PBSS305NZ.

Features
■ Low collector-emitter saturation voltage VCEsat
■ High collector current capability IC and ICM
■ High collector current gain (hFE) at high IC
■ High efficiency due to less heat generation
■ Smaller required Printed-Circuit Board (PCB) area than for conventional transistors

Applications
■ High-voltage DC-to-DC conversion
■ High-voltage MOSFET gate driving
■ High-voltage motor control
■ High-voltage power switches (e.g. motors, fans)
■ Automotive applications




Similar Part No. - PBSS305PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305PZ-Q NEXPERIA-PBSS305PZ-Q Datasheet
293Kb / 14P
80 V, 4.5 A PNP low VCEsat transistor
29 August 2024
More results


Similar Description - PBSS305PZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS304PD NXP-PBSS304PD Datasheet
137Kb / 15P
80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-24 March 2009
PBSS305PX NXP-PBSS305PX Datasheet
218Kb / 15P
80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS304PZ NXP-PBSS304PZ Datasheet
193Kb / 14P
60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS5480X PHILIPS-PBSS5480X_15 Datasheet
206Kb / 13P
PNP low VCEsat (BISS) transistor 80 V, 4 A
2004 Nov 08
PBSS5580PA PHILIPS-PBSS5580PA_15 Datasheet
174Kb / 15P
80 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-6 May 2010
logo
Nexperia B.V. All right...
PBSS304PD NEXPERIA-PBSS304PD Datasheet
251Kb / 16P
80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009
PBSS304PZ NEXPERIA-PBSS304PZ Datasheet
306Kb / 15P
60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305PX NEXPERIA-PBSS305PX Datasheet
331Kb / 16P
80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305PZ NEXPERIA-PBSS305PZ Datasheet
307Kb / 15P
80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS5480X NEXPERIA-PBSS5480X Datasheet
448Kb / 14P
80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com