Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960 Datasheet (PDF) - Analog Devices

ADL5960 Datasheet PDF - Analog Devices
Part # ADL5960
Download  ADL5960 Download
File Size   2108.98 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 20 GHz Integrated Vector Network Analyzer Front End

ADL5960 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5960 Datasheet PDF - Analog Devices

Part # ADL5960
Download  ADL5960 Click to download

File Size   2108.98 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 20 GHz Integrated Vector Network Analyzer Front End

ADL5960 Datasheet (HTML) - Analog Devices


ADL5960 Product details

GENERAL DESCRIPTION
The ADL5960 is a wideband, small form factor vector network
analyzer front end consisting of a resistive bidirectional bridge,
downconversion mixers, programmable IF amplifiers and filters, and
a highly flexible local oscillator (LO) interface. The bridge provides
>14 dB of directivity up to 17 GHz. The primary transmission line
from RFIN to RFOUT is wideband matched to 50 Ω with only 1.1 dB
loss at low frequencies, increasing to 1.8 dB loss at 20 GHz.
The ADL5960 supports several different LO interface configurations
that simplify the clocking design of a vector network analyzer (VNA)
solution as well as the interfacing of the device to an analog-to-digital
converter (ADC). The frequency divider and multipliers in the
LO interface enable measurement sweeps beyond the operating
frequency range of the LO source, enabling operation over the full
20 GHz frequency range of the ADL5960 using a 6 GHz synthesizer.
The IF frequency offset mixer, driven through the offset interface
formed by the OFP and OFM pins, enables further simplification
by allowing the swept RF and LO interfaces to share the same
frequency source. The frequency of the IF output signals is then
determined by the low-frequency source driving the OFP/OFM interface.
When this interface is driven at the ADC sample frequency
with the divide by 4 enabled, it automatically centers the IF output
signal in the first Nyquist zone.
The IF filters with programmable bandwidth and IF amplifiers
with individually programmable gain enable simultaneous dynamic
range optimization of the IF output signals of the forward channel
(IFFP, IFFM) and reverse channel (IFRP, IFRM). The IF amplifiers
have an adjustable output common-mode level, sufficient drive
capability, and wide output voltage swing to enable direct interfacing
to a wide range of ADCs.
All configurations and functions in the ADL5960 are fully programmable
through a 3-wire serial peripheral interface (SPI). The
ADL5960 is offered in a 3 mm × 4 mm, 26-lead land grid array (LGA) package.

FEATURES
► Wideband integrated bidirectional bridge
► Raw directivity: 24.1 dB at 1 GHz, 12.8 dB at 18 GHz
► Low insertion loss: 1.1 dB at 1 GHz, 1.9 dB at 18 GHz
► Return loss: >12 dB typical
► SPI configurable LO interface
► Divide by 2; multiply by 1, 2, or 4
► Offset LO interface enables drive with fRF = fLO
► Single-ended or differential drive
► SYNC function—synchronization across multiple devices
► High dynamic range wideband IF signal path
► SPI-programmable IF bandwidth from 1 MHz to 100 MHz
► SPI-programmable IF gain, 6 dB step size
► Externally adjustable output common-mode level
► 5-bit SPI readable temperature sensor
► Low power shutdown mode
► 3 mm × 4 mm, 26-lead LGA

APPLICATIONS
► Broadband, multiport vector network analyzers
► S-parameter magnitude and phase measurement
► Inline RF power measurement
► Automated test equipment
► Reflectometers
► Materials analysis




Similar Part No. - ADL5960

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
More results


Similar Description - ADL5960

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com