Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8100ACPZN Datasheet (PDF) - Analog Devices

ADL8100ACPZN Datasheet PDF - Analog Devices
Part # ADL8100ACPZN
Download  ADL8100ACPZN Download
File Size   1941.29 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz

ADL8100ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8100ACPZN Datasheet PDF - Analog Devices

Part # ADL8100ACPZN
Download  ADL8100ACPZN Click to download

File Size   1941.29 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz

ADL8100ACPZN Datasheet (HTML) - Analog Devices


ADL8100ACPZN Product details

GENERAL DESCRIPTION
The ADL8100 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), wideband low noise amplifier (LNA) that operates
from 0.01 GHz to 20 GHz. The ADL8100 provides a typical
gain of 20 dB at 0.01 GHz to 6 GHz, a 2.5 dB typical noise figure at
6 GHz to 14 GHz, and a typical output third-order intercept (OIP3)
of 38 dBm at 0.01 GHz to 6 GHz, requiring only 220 mA from a
5 V supply voltage. The power dissipation can be lowered at the
expense of OIP3 and output power. The ADL8100 also features
inputs and outputs that are DC-coupled and internally matched to 50 Ω.

FEATURES
► Low noise figure: 2.5 dB typical at 6 GHz to 14 GHz
► Single positive supply (self biased)
► High gain: 20 dB typical from 0.01 GHz to 6 GHz
► High OIP3: 38 dBm typical from 0.01 GHz to 6 GHz
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Satellite communication
► Telecommunications
► Civilian radars
► Military radars
► Weather radars
► Electronic warfare




Similar Part No. - ADL8100ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8101 AD-ADL8101 Datasheet
2Mb / 35P
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
ADL8101-EVAL1Z AD-ADL8101-EVAL1Z Datasheet
2Mb / 35P
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
ADL8101-EVALZ AD-ADL8101-EVALZ Datasheet
2Mb / 35P
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
ADL8101ACPZN AD-ADL8101ACPZN Datasheet
2Mb / 35P
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
ADL8101ACPZN-R7 AD-ADL8101ACPZN-R7 Datasheet
2Mb / 35P
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
More results


Similar Description - ADL8100ACPZN

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460_10 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
logo
Analog Devices
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com