Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4709 Datasheet (PDF) - Analog Devices

LTM4709 Datasheet PDF - Analog Devices
Part # LTM4709
Download  LTM4709 Download
File Size   2032.3 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array

LTM4709 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4709 Datasheet PDF - Analog Devices

Part # LTM4709
Download  LTM4709 Click to download

File Size   2032.3 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array

LTM4709 Datasheet (HTML) - Analog Devices


LTM4709 Product details

DESCRIPTION
The LTM®4709 is a low voltage, triple 3A μModule
linear regulator offering a high power supply rejection
ratio (PSRR), ultralow noise, and ultrafast transient
response. The μModule regulator includes low dropout
linear regulators (LDO), capacitors, and resistors. Operating
over an input voltage range of 0.6V to 5.5V, the LTM4709
supports an output voltage range of 0.5V to 4.2V for
triple 3A channels with a typical dropout voltage of 45mV.
The output voltage is digitally configurable in 50mV
increments from 0.5V to 1.2V; 100mV increments from
1.2V to 1.8V; and discrete levels at 2V, 2.5V, 3V, 3.3V,
and 4.2V. A precision current monitor provides accurate
current monitoring for the energy management system
and current limit. The LTM4709 is ideal for RF communication,
noise-sensitive instrumentation, post-regulation
for switching regulators, high-performance FPGAs, and
microprocessors. Only input, output, and bias ceramic
capacitors are needed for its application.
Fault protection features include UVLO, power good, overcurrent,
and overtemperature protection. The LTM4709 is
offered in 6mm × 12mm × 1.92mm, 98-pin BGA package with 0.8mm ball pitch.

FEATURES
- Linear Regulator μModule® with Triple 3A Output
- Input Voltage: 0.6V to 5.5V
- Configurable Output Voltage: 0.5V to 4.2V
- Ultralow RMS Noise: 1.3μVRMS (10Hz to 100kHz)
- High Frequency PSRR: 51dB at 1MHz
- Low Dropout Voltage: 45mV Typical at 3A
- Ultrafast Transient Response
- 50% Smaller Than Discrete Solutions
- ±1.5% Output Voltage Regulation Over Line, Load, and Temperature
- ±2.4% Precision Current Monitor Accuracy at 3A
- Stable with Ceramic Output Capacitors (10μF Minimum)
- Parallel Multiple Devices for Higher Current
- PG Flag, UVLO, Overcurrent and Overtemperature Protection
- 150°C Rated Available
- 6mm × 12mm × 1.92mm BGA Package

APPLICATIONS
- RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
- High Speed/High Precision Data Converter
- FPGA, DSP, and Microprocessor Power Supplies
- High-Speed Servers and Storage Devices
- Medical and Healthcare
- Very-Low-Noise Instrumentation
- Post-Regulation for Switching Supplies




Similar Part No. - LTM4709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4709 AD-LTM4709 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results


Similar Description - LTM4709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com