Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4691 Datasheet (PDF) - Analog Devices

LTM4691 Datasheet PDF - Analog Devices
Part # LTM4691
Download  LTM4691 Download
File Size   4012.6 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, Quad 8A Silent Switcher μModule Regulator

LTM4691 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4691 Datasheet PDF - Analog Devices

Part # LTM4691
Download  LTM4691 Click to download

File Size   4012.6 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, Quad 8A Silent Switcher μModule Regulator

LTM4691 Datasheet (HTML) - Analog Devices


LTM4691 Product details

DESCRIPTION
The LTM®4710-1 is a quad DC/DC step-down μModule
(micromodule) regulator with 8A per output. The package
includes the switching controllers, the power MOSFETs,
inductors and all supported components. Operating over
an input voltage range of 2.5V to 5.5V. Channel 1’s output
voltage can be set by only one external resistor, where
the outputs for channel 2, channel 3, and channel 4 can
be set by two external resistors. All output voltages are
programmable up to 3.6V.
The LTM4710-1 employs Silent Switcher 2 architecture
with internal hot loop bypass capacitors to achieve both
low Electromagnetic Interference (EMI) and high efficiency.
The LTM4710-1 is packaged in a compact (6mm
× 12mm × 3.54mm) LGA with presolder package and is RoHS compliant.

FEATURES
- Quad Output Step-Down μModule® Regulator with Configurable 8A Output Array
- Ultralow Noise Silent Switcher®2 Architecture
- CISPR32 Class B Compliant
- Input Voltage Range: 2.5V to 5.5V
- Output Voltage Range: 0.5V to 3.6V
- 8A DC Output Current, Each Channel
- Parallelable for Higher Output Current
- ±1.5% Maximum Total DC Output Voltage Accuracy
- Selectable Switching Frequency: 1MHz to 5MHz
- Power Good Indicator
- Die Temperature Monitoring
- 6mm × 12mm × 3.54mm Land Grid Array (LGA) with Presolder Package

APPLICATIONS
- Optical Communications
- Multi-Rail Point-of-Load Regulation
- Field Programmable Gate Arrays (FPGAs), Digital
signal processing (DSPs) and Application Specific
Integrated Circuits (ASICs) Applications
- Telecom, Datacom, Networking System




Similar Part No. - LTM4691

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
LTM4691 AD-LTM4691 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4691 AD-LTM4691 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4691 AD-LTM4691 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4691 AD-LTM4691 Datasheet
2Mb / 26P
Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
Rev. 0
More results


Similar Description - LTM4691

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
Dual 8A per Channel Low VIN DC/DC Module Regulator
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com