Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7991 Datasheet (PDF) - Analog Devices

AD7991 Datasheet PDF - Analog Devices
Part # AD7991
Download  AD7991 Download
File Size   264.76 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23

AD7991 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7991 Datasheet PDF - Analog Devices

Part # AD7991
Download  AD7991 Click to download

File Size   264.76 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23

AD7991 Datasheet (HTML) - Analog Devices


AD7991 Product details

GENERAL DESCRIPTION

The AD7991/AD7995/AD7999 are 12-/10-/8-bit, low power, successive approximation ADCs with an I2C®-compatible interface. Each part operates from a single 2.7 V to 5.5 V power supply and features a 1 μs conversion time. The track-and-hold amplifier allows each part to handle input frequencies of up to 14 MHz, and a multiplexer allows taking samples from four channels. 



FEATURES

12-/10-/8-bit ADCs with fast conversion time: 1 μs typical

4 analog input channels/3 analog input channels with reference input

Specified for VDDof 2.7 V to 5.5 V

Sequencer operation

Temperature range: −40°C to +125°C

I2C-compatible serial interface supports standard, fast, and high speed modes

2 versions allow 2 I2C addresses

Low power consumption

  Shutdown mode: 1 μA maximum

8-lead SOT-23 package



APPLICATIONS

System monitoring

Battery-powered systems

Data acquisition

Medical instruments




Similar Part No. - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991 AD-AD7991 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991YRJZ-0500RL7 AD-AD7991YRJZ-0500RL7 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991YRJZ-0500RL7 AD-AD7991YRJZ-0500RL7 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991YRJZ-0RL AD-AD7991YRJZ-0RL Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
More results


Similar Description - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with I2CCompatible
9/04-Revision 0
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
8-Channel, 12-Bit SAR ADC with IC Interface
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com