Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8134 Datasheet (PDF) - Analog Devices

AD8134 Datasheet PDF - Analog Devices
Part # AD8134
Download  AD8134 Download
File Size   458.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver With Sync-On-Common-Mode

AD8134 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8134 Datasheet PDF - Analog Devices

Part # AD8134
Download  AD8134 Click to download

File Size   458.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver With Sync-On-Common-Mode

AD8134 Datasheet (HTML) - Analog Devices


AD8134 Product details

GENERAL DESCRIPTION
The AD8134 is a major advancement beyond using discrete op amps for driving differential RGB signals over twisted pair cable. The AD8134 is a triple, low cost differential or single-ended input to differential output driver, and each amplifier has a fixed gain of 2 to compensate for the attenuation of the line termination resistors. The AD8134 is specifically designed for RGB signals but can be used for any type of analog signals or high speed data transmission. The AD8134 is capable of driving either Category 5 (Cat-5) unshielded twisted pair (UTP) cable or differential printed circuit board transmission lines with minimal signal degradation.

FEATURES
   Triple high speed differential driver
      225 MHz, −3 dB large signal bandwidth
      450 MHz, −3 dB small signal bandwidth
      Easily drives 1.4 V p-p video signal into doubly terminated
         100 Ω UTP cable
      1600 V/μs slew rate
      Fixed internal gain of 2
   Internal common-mode feedback network
      Output balance error −60 dB @ 50 MHz
   On-chip sync-on-common-mode circuitry
   Output pull-down feature for line isolation
   Differential input and output
   Differential-to-differential or single-ended-to-differential
      operation
   High isolation between amplifiers: 80 dB @ 10 MHz
   Low distortion: 64 dB SFDR @ 10 MHz on 5 V supply,
      RL, dm = 200 Ω
   Low offset: 3 mV typical output-referred on 5 V supply
   Low power: 26.5 mA @ 5 V for three drivers and sync circuitry
   Wide supply voltage range: +5 V to ±5 V
   Available in space-saving packaging: 4 mm × 4 mm LFCSP
  
APPLICATIONS
   Keyboard-video-mouse (KVM) networking




Similar Part No. - AD8134

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-R2 AD-AD8134ACPZ-R2 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-REEL AD-AD8134ACPZ-REEL Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134ACPZ-REEL7 AD-AD8134ACPZ-REEL7 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
More results


Similar Description - AD8134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
October 26, 2005
ISL59311 INTERSIL-ISL59311 Datasheet
387Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 4, 2007
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
January 5, 2007
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
September 13, 2007
ISL59311_0704 INTERSIL-ISL59311_0704 Datasheet
388Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Analog Devices
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com