Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8189 Datasheet (PDF) - Analog Devices

AD8189 Datasheet PDF - Analog Devices
Part # AD8189
Download  AD8189 Download
File Size   825.33 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers

AD8189 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8189 Datasheet PDF - Analog Devices

Part # AD8189
Download  AD8189 Click to download

File Size   825.33 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers

AD8189 Datasheet (HTML) - Analog Devices


AD8189 Product details

GENERAL DESCRIPTION
The AD8188 (G = 1) and AD8189 (G = 2) are high speed, single-supply, triple 2-to-1 multiplexers. They offer −3 dB small signal bandwidth of 350 MHz and −3 dB large signal bandwidth of 300 MHz, along with a slew rate in excess of 1000 V/μs. With −84 dB of all hostile crosstalk and −95 dB off isolation, the parts are well suited for many high speed applications. The differential gain and differential phase error of 0.05% and 0.05° respectively, along with 0.1 dB flatness to 70 MHz, make the AD8188 and AD8189 ideal for professional and component video multiplexing. The parts offer 4 ns switching time, making them an excellent choice for switching video signals, while consuming less than 20 mA on a single 5 V supply (100 mW). Both devices have a high speed disable feature that sets the outputs into a high impedance state. This allows the building of larger input arrays while minimizing off-channel output loading. The devices are offered in a 24-lead TSSOP.

FEATURES
   Fully buffered inputs and outputs
   Fast channel-to-channel switching: 4 ns
   Single-supply operation (5 V)
   High speed
      350 MHz bandwidth (−3 dB) @ 200 mV p-p
      300 MHz bandwidth (−3 dB) @ 2 V p-p
      Slew rate: 1000 V/μs
   Fast settling time: 7 ns to 0.1%
   Low current: 19 mA/20 mA
   Excellent video specifications: load resistor (RL) = 150 Ω
   Differential gain error: 0.05%
   Differential phase error: 0.05°
   Low glitch
   All hostile crosstalk
      −84 dB @ 5 MHz
      −52 dB @ 100 MHz
   High off isolation: −95 dB @ 5 MHz
   Low cost
   Fast, high impedance disable feature for connecting multiple outputs
   Logic-shifted outputs
  
APPLICATIONS
   Switching RGB in LCD and plasma displays
   RGB video switchers and routers




Similar Part No. - AD8189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8189 AD-AD8189 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Similar Description - AD8189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186 AD-AD8186 Datasheet
474Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
6/03-Data Sheet changed from REV. 0 to REV. A.
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com