Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet (PDF) - Analog Devices

AD8317 Datasheet PDF - Analog Devices
Part # AD8317
Download  AD8317 Download
File Size   1096.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 10 GHz, 50 dB Log Detector/Controller

AD8317 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8317 Datasheet PDF - Analog Devices

Part # AD8317
Download  AD8317 Click to download

File Size   1096.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 10 GHz, 50 dB Log Detector/Controller

AD8317 Datasheet (HTML) - Analog Devices


AD8317 Product details

GENERAL DESCRIPTION

The AD8317 is a demodulating logarithmic amplifier, capableof accurately converting an RF input signal to a corresponding decibel-scaled output. It employs the progressive compression technique over a cascaded amplifier chain, each stage of which is equipped with a detector cell. The device can be used in either measurement or controller modes.



FEATURES

Wide bandwidth: 1 MHz to 10 GHz

High accuracy: ±1.0 dB over temperature

55 dB dynamic range up to 8 GHz ± 3 dB error

Stability over temperature: ±0.5 dB

Low noise measurement/controller output, VOUT

Pulse response time: 6 ns/10 ns (fall/rise)

Small footprint, 2 mm × 3 mm LFCSP

Supply operation: 3.0 V to 5.5 V @ 22 mA

Fabricated using high speed SiGe process



APPLICATIONS

RF transmitter PA setpoint control and level monitoring

Power monitoring in radio link transmitters

RSSI measurement in base stations, WLANs, WiMAX, and radars




Similar Part No. - AD8317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8317 AD-AD8317 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8317 AD-AD8317 Datasheet
756Kb / 19P
Log Detector/Controller
Aug-2017
AD8317 AD-AD8317 Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
AD8317 AD-AD8317 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
Rev. D
AD8317-EVALZ AD-AD8317-EVALZ Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
More results


Similar Description - AD8317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
9/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com