Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0220N Datasheet (PDF) - Qorvo, Inc

QPB0220N Datasheet PDF - Qorvo, Inc
Part # QPB0220N
Download  QPB0220N Download
File Size   763.14 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 - 18 GHz Wideband GaN Amplifier

QPB0220N Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB0220N Datasheet PDF - Qorvo, Inc

Part # QPB0220N
Download  QPB0220N Click to download

File Size   763.14 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 - 18 GHz Wideband GaN Amplifier

QPB0220N Datasheet (HTML) - Qorvo, Inc


QPB0220N Product details

Description
An excellent alternative to traveling wave tube amplifiers,
Qorvo’s Spatium™ QPB0220N is a solid state, spatial
combining amplifier with an operating range of 2–18 GHz.
With its maximum performance in output power, gain,
power added efficiency, and frequency range, this Spatium
is the ideal building block for microwave subsystems with
wide-ranging applications.
Qorvo’s patented and field-proven Spatium combining
technology provides unprecedented Solid-State Power
Amplifier (SSPA) performance in a rugged, compact size
and weight which reduces total cost of ownership compared
to alternative technologies. This product offering combines
Qorvo’s market leadership in GaN technology and MMIC
design along with our high-count combining techniques for
a best in class solution to power amplification.
The QPB0220N is equipped with an integrated bias card,
which allows for convenience of operation, reducing
electrical losses in the bias networks, and weight reduction
over using a separate bias card. It provides individualized
bias settings for each amplifier blade in the Spatium SSPA
as well as drain pulsing up to 1 MHz PRF for superior power
savings and noise performance.

Features
• Frequency Range: 2 – 18 GHz
• Saturated Output Power: 53.4 dBm (PIN = 43 dBm)
• Large Signal Gain: 10.4 dB (PIN = 43 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.

Applications
TWTA Replacement




Similar Part No. - QPB0220N

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
More results


Similar Description - QPB0220N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
Amplifier 2 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
TGA8399C TRIQUINT-TGA8399C_15 Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
logo
Custom MMIC Design Serv...
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
14-18 GHz GaN Power Amplifier
logo
Qorvo, Inc
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
CMD216 QORVO-CMD216 Datasheet
116Kb / 8P
14-18 GHz GaN Power Amplifier
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com