Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8364 Datasheet (PDF) - Analog Devices

AD8364 Datasheet PDF - Analog Devices
Part # AD8364
Download  AD8364 Download
File Size   2989.93 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 2.7 GHz Dual 60 dB TruPwr Detector

AD8364 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8364 Datasheet PDF - Analog Devices

Part # AD8364
Download  AD8364 Click to download

File Size   2989.93 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 2.7 GHz Dual 60 dB TruPwr Detector

AD8364 Datasheet (HTML) - Analog Devices


AD8364 Product details

GENERAL DESCRIPTION
The AD8364 is a true rms, responding, dual-channel RF power measurement subsystem for the precise measurement and control of signal power. The flexibility of the AD8364 allows communications systems, such as RF power amplifiers and radio transceiver AGC circuits, to be monitored and controlled with ease. Operating on a single 5 V supply, each channel is fully specified for operation up to 2.7 GHz over a dynamic range of 60 dB. The AD8364 provides accurately scaled, independent, rms outputs of both RF measurement channels. Difference output ports, which measure the difference between the two channels, are also available. The on-chip channel matching makes the rms channel difference outputs extremely stable with temperature and process variations.

FEATURES
   RMS measurement of high crest-factor signals
   Dual-channel and channel difference outputs ports
   Integrated accurately scaled temperature sensor
   Wide dynamic range ±1 dB over 60 dB
   ±0.5 dB temperature-stable linear-in-dB response
   Low log conformance ripple
   +5 V operation at 70 mA, –40°C to +85°C
   Small footprint, 5 mm x 5 mm, LFCSP

APPLICATIONS
   Wireless infrastructure power amplifier linearization/control
   Antenna VSWR monitor
   Gain and power control and measurement
   Transmitter signal strength indication (TSSI)
   Dual-channel wireless infrastructure radios




Similar Part No. - AD8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8364 AD-AD8364 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364-EVALZ AD-AD8364-EVALZ Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-R2 AD-AD8364ACPZ-R2 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-REEL7 AD-AD8364ACPZ-REEL7 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-WP AD-AD8364ACPZ-WP Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results


Similar Description - AD8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361 Datasheet
306Kb / 16P
LF to 2.5 GHz TruPwr??Detector
REV.A
AD8362 AD-AD8362 Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
LF to 2.5 GHz TruPwr Detector
7/15-Rev. E to Rev. F
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com