Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW2HML631.TK Datasheet (PDF) - ams AG

KW2HML631.TK Datasheet PDF - ams AG
Part # KW2HML631.TK
Download  KW2HML631.TK Download
File Size   1975.23 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSLON Black Flat X product family offers LED devices with the highest efficiency in the Osram portfolio.

KW2HML631.TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KW2HML631.TK Datasheet PDF - ams AG

Part # KW2HML631.TK
Download  KW2HML631.TK Click to download

File Size   1975.23 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSLON Black Flat X product family offers LED devices with the highest efficiency in the Osram portfolio.

KW2HML631.TK Datasheet (HTML) - ams AG


KW2HML631.TK Product details

Features
- Package: SMD epoxy package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.321, Cy = 0.339 acc. to CIE 1931 (● ultra white)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KW2HML631.TK

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW2 C2LNL3.TK-D5T1-5L16M1 AMSOSRAM-KW2 C2LNL3.TK-D5T1-5L16M1 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.4 2026-03-09
KW2 C2LNL3.TK-D5T1-5L25M2 AMSOSRAM-KW2 C2LNL3.TK-D5T1-5L25M2 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.4 2026-03-09
KW2 C2LNL3.TK-D5T1-5L35M3 AMSOSRAM-KW2 C2LNL3.TK-D5T1-5L35M3 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.4 2026-03-09
KW2 C2LPL3.TK-6DT2-5L16M1 AMSOSRAM-KW2 C2LPL3.TK-6DT2-5L16M1 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.2 2026-03-09
KW2 C2LPL3.TK-6DT2-5L25M2 AMSOSRAM-KW2 C2LPL3.TK-6DT2-5L25M2 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.2 2026-03-09
More results


Similar Description - KW2HML631.TK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
Littelfuse
B1100CALRP LITTELFUSE-B1100CALRP Datasheet
146Kb / 4P
The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
Using the UART interfaces in the SPEAr embedded MPU family
12-Mar-2012
logo
Silicon Laboratories
1611161 SILABS-1611161 Datasheet
238Kb / 7P
The addition of automotive devices in the product selection table and ordering information
1611165 SILABS-1611165 Datasheet
67Kb / 2P
The addition of automotive devices in the product selection table and ordering information
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
The T2200 detects the highest
logo
Infineon Technologies A...
IKWH40N65WR6 INFINEON-IKWH40N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
IKWH50N65WR6 INFINEON-IKWH50N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-20
IKWH70N65WR6 INFINEON-IKWH70N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-21
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com